PART |
Description |
Maker |
AN80P52RSP AN80P22RSP AN80P20RSP AN80P32RSP AN80P1 |
Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Dual, 16-Bit nanoDAC® with I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: LFCSP (3x3mm); No of Pins: 10; Temperature Range: TBD 5-pin, low dropout voltage regulator with standby function (1 A type) 3.6 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO4
|
Panasonic Corporation Panasonic, Corp.
|
AD5621 AD5621AKS AD5621BKS AD5601 AD5601BKS AD5611 |
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 2.7 V.5 V,00联合航空-/10-/12-Bit nanoDAC系列的D / A,SPI接口,SC70封装 2.7 V to 5.5 V, UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 599.54 Kbytes 2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD5687 |
Dual, 16-/12-Bit nanoDAC with SPI Interface
|
Analog Devices
|
AD5643RBRMZ-3 AD5643RBRMZ-3REEL7 AD5623RBRMZ-3 AD5 |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
|
AD[Analog Devices]
|
AD5680BRJZ-2500RL7 EVAL-AD5680EB AD5680 AD5680BRJZ |
5 V 18-Bit nanoDAC in a SOT-23
|
AD[Analog Devices]
|
AD5062BRJ-1 AD5062BRJ-2 AD5062BRJ-3 AD5063BRM-1 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
|
Analog Devices, Inc.
|
AD5602 |
2.7 V to 5.5 V, μA, 8-Bit nanoDAC? with I-2C Compatible Interface, Tiny SC70 Package
|
Analog Devices
|
AD5044BRUZ AD5024 AD5024BRUZ AD5024BRUZ-REEL7 AD50 |
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
AD5064BRUZ AD5064BRUZ-REEL7 AD5044BRUZ-REEL7 |
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
AD5694R AD5694ARUZ AD5695R AD5684R AD5685R |
Quad, 16-/12-Bit nanoDAC with I2C Interface Quad, 16-/12-Bit nanoDAC with I2C Interface
|
Analog Devices
|
AD5641AKSZ-REEL AD5641BKSZ-500RL7 AD5641BKSZ-REEL7 |
2.7 V to 5.5 V, <100 µA, 14-Bit nanoDAC™ D/A Converter, SPI Interface, SC70 Package
|
Analog Devices
|